|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BRIDGE RECTIFIERS 2.0 to 8.0 Amps SINGLE PHASE PLASTIC BRIDGE RECTIFIERS (INCLUDING GLASS PASSIVATED) RF Cross Max Avg Peak Peak Fwd Surge Max Forward Part Number Reference Rectified Inverse Current Voltage Current Voltage @ 8.3ms @ TA = 25C Superimposed @ Rated IO IO(A) PIV(V) IFSM(A) VFM(V) 2W005 PB201M 2.0 A 50 50 1.1 2W01 PB202M 2.0 A 100 50 1.1 2W02 PB203M 2.0 A 200 50 1.1 2W04 PB204M 2.0 A 400 50 1.1 2W06 PB205M 2.0 A 600 50 1.1 2W08 PB206M 2.0 A 800 50 1.1 2W10 PB207M 2.0 A 1000 50 1.1 SB305 PBPC301 3.0 A 50 50 1.1 SB310 PBPC302 3.0 A 100 50 1.1 SB320 PBPC303 3.0 A 200 50 1.1 SB340 PBPC304 3.0 A 400 50 1.1 SB360 PBPC305 3.0 A 600 50 1.1 SB380 PBPC306 3.0 A 800 50 1.1 SB3100 PBPC307 3.0 A 1000 50 1.1 KBL401 PBL401 4.0 A 50 60 1.1@1.5A KBL402 PBL402 4.0 A 100 60 1.1@1.5A KBL403 PBL403 4.0 A 200 60 1.1@1.5A KBL404 PBL404 4.0 A 400 60 1.1@1.5A KBL405 PBL405 4.0 A 600 60 1.1@1.5A KBL406 PBL406 4.0 A 800 60 1.1@1.5A KBL407 PBL407 4.0 A 1000 60 1.1@1.5A KBU401 PBU401 4.0 A 50 200 1.1@2.0A KBU402 PBU402 4.0 A 100 200 1.1@2.0A KBU403 PBU403 4.0 A 200 200 1.1@2.0A KBU404 PBU404 4.0 A 400 200 1.1@2.0A KBU405 PBU405 4.0 A 600 200 1.1@2.0A KBU406 PBU406 4.0 A 800 200 1.1@2.0A KBU407 PBU407 4.0 A 1000 200 1.1@2.0A KBU601 PBU601 6.0 A 50 200 1.1@3.0A KBU602 PBU602 6.0 A 100 200 1.1@3.0A KBU603 PBU603 6.0 A 200 200 1.1@3.0A KBU604 PBU604 6.0 A 400 200 1.1@3.0A KBU605 PBU605 6.0 A 600 200 1.1@3.0A KBU606 PBU606 6.0 A 800 200 1.1@3.0A KBU607 PBU607 6.0 A 1000 200 1.1@3.0A SB601 KBPC6005 6.0 A 50 200 1.11@3.0A SB602 KBPC605 6.0 A 100 200 1.11@3.0A SB603 KBPC606 6.0 A 200 200 1.11@3.0A SB604 KBPC607 6.0 A 400 200 1.11@3.0A SB605 KBPC608 6.0 A 600 200 1.11@3.0A SB606 KBPC609 6.0 A 800 200 1.11@3.0A SB607 KBPC610 6.0 A 1000 200 1.11@3.0A SBT601 KBPC6005 6.0 A 50 200 1.11@3.0A SBT602 KBPC605 6.0 A 100 200 1.11@3.0A SBT603 KBPC606 6.0 A 200 200 1.11@3.0A SBT604 KBPC607 6.0 A 400 200 1.11@3.0A SBT605 KBPC608 6.0 A 600 200 1.11@3.0A SBT606 KBPC609 6.0 A 800 200 1.11@3.0A SBT607 KBPC610 6.0 A 1000 200 1.11@3.0A SB801 PBPC801 8.0 A 50 200 1.1@4.0A SB802 PBPC802 8.0 A 100 200 1.1@4.0A SB803 PBPC803 8.0 A 200 200 1.1@4.0A SB804 PBPC804 8.0 A 400 200 1.1@4.0A SB805 PBPC805 8.0 A 600 200 1.1@4.0A SB806 PBPC806 8.0 A 800 200 1.1@4.0A SB807 PBPC807 8.0 A 1000 200 1.1@4.0A KBU801 PBU801 8.0 A 50 200 1.1@4.0A KBU802 PBU802 8.0 A 100 200 1.1@4.0A KBU803 PBU803 8.0 A 200 200 1.1@4.0A KBU804 PBU804 8.0 A 400 200 1.1@4.0A KBU805 PBU805 8.0 A 600 200 1.1@4.0A KBU806 PBU806 8.0 A 800 200 1.1@4.0A KBU807 PBU807 8.0 A 1000 200 1.1@4.0A Max Reverse Current @ 25C @ Rated PIV IR(mA) 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 Package Outline (Typical size in inches) 1000/Box WOB 1000/Box 1000/Box KBL 1000/Box KBU .68 1000/Box .05 1000/Box SB-6 1000/Box terminal=.11 x .02 1000/Box 1000/Box .68 KBU .05 RFE International * Tel:(949)583-0808 * Fax:(949)583-9898 * E-Mail Sales@rfeinc.com C3D02 REV 2001 |
Price & Availability of SB305 |